|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
For new designs, please refer to the PALCE22V10. PALC22V10D Flash Erasable, Reprogrammable CMOS P AL Features R Device D DIP LCC, and PLCC available , 7.5 ns commercial version 5 ns tCO 5 ns tS 7.5 ns tPD 133 MHz state machine 10 ns military and industrial ver sions 6 ns tCO 6 ns tS 10 ns tPD 110 MHz state machine 15 ns commercial and military versions 25 ns commercial and military versions D High reliability Proven Flash EPROM technology 100% programming and functional testing D D D D D Advanced second generation PAL ar chitecture Low power 90 mA max. commercial (10 ns) 130 mA max. commercial (7.5 ns) CMOS Flash EPROM technology for electrical erasability and reprogram mability Variable product terms 2 x (8 through 16) product terms User programmable macrocell Output polarity control Individually selectable for regis tered or combinatorial operation Functional Description The Cypress P ALC22V10D is a CMOS Flash Erasable second generation pro grammable array logic device. It is im plemented with the familiar sum of pro ducts (AND OR) logic structure and the programmable macrocell. The P ALC22V10D is executed in a 24 pin 300 mil molded DIP a 300 mil cerDIP a , , 28 lead square ceramic leadless chip carri er, a 28 lead square plastic leaded chip car rier, and provides up to 22 inputs and 10 outputs. The 22V10D can be electrically D Up to 22 input terms and 10 outputs Logic Block Diagram (PDIP/CDIP) VSS 12 I 11 I 10 I 9 I 8 I 7 I 6 I 5 I 4 I 3 I 2 CP/I 1 PROGRAMMABLE AND ARRAY (132 X 44) 8 10 12 14 16 16 14 12 10 8 Reset Macrocell Macrocell Macrocell Macrocell Macrocell Macrocell Macrocell Macrocell Macrocell Macrocell Preset 13 I 14 I/O9 15 I/O8 16 I/O 7 17 I/O6 18 I/O5 19 I/O4 20 I/O3 21 I/O2 22 I/O1 23 I/O0 24 V CC V10D 1 Pin Configuration LCC Top View VCC CP/I 0 I/O 1 PLCC Top View CP/I 0 I/O I/O 1 V CC NC 1 NC I/O I 4 I/O 2 I/O 3 I/O 4 N/C I/O 5 I/O 6 I/O 7 V10D 2 I I I NC I I I 5 6 7 8 9 10 11 I I 4 I I I NC I I I 5 6 7 8 9 10 11 321 28 27 26 25 24 23 22 21 20 19 3 I 2 28 27 26 25 24 23 22 21 20 19 I/O 2 I/O 3 I/O 4 N/C I/O 5 I/O 6 I/O 7 12 13 14 15 16 17 18 NC I/O9 I/O8 V SS I I I 12 13 14 15 16 17 18 NC I/O9 P AL is a registered trademark of Advanced Micro Devices. Cypress Semiconductor Corporation D 3901 North First Street 1 D San Jose D I/O8 V SS V10D 3 I I I CA 95134 D 408-943-2600 July 1991 - Revised October 1995 PALC22V10D Functional Description (continued) erased and reprogrammed. The programmable macrocell provides the capability of defining the architecture of each output individu ally. Each of the 10 potential outputs may be specified as regis tered" or combinatorial." Polarity of each output may also be in dividually selected, allowing complete flexibility of output configuration. Further configurability is provided through array" configurable output enable" for each potential output. This fea ture allows the 10 outputs to be reconfigured as inputs on an indi vidual basis, or alternately used as a combination I/O controlled by the programmable array. PALC22V10D features a variable product term architecture. There are 5 pairs of product term sums beginning at 8 product terms per output and incrementing by 2 to 16 product terms per output. By providing this variable structure, the PAL C 22V10D is optimized to the configurations found in a majority of applications without creating devices that burden the product term structures with unusable product terms and lower performance. Additional features of the Cypress PALC22V10D include a syn chronous preset and an asynchronous reset product term. These product terms are common to all macrocells, eliminating the need to dedicate standard product terms for initialization functions. The device automatically resets upon power up. The PALC22V10D, featuring programmable macrocells and vari able product terms, provides a device with the flexibility to imple ment logic functions in the 500 to 800 gate array complexity. Since each of the 10 output pins may be individually configured as inputs on a temporary or permanent basis, functions requiring up to 21 inputs and only a single output and down to 12 inputs and 10 outputs are possible. The 10 potential outputs are enabled using Macrocell product terms. Any output pin may be permanently selected as an output or arbitrarily enabled as an output and an input through the selective use of individual product terms associated with each out put. Each of these outputs is achieved through an individual pro grammable macrocell. These macrocells are programmable to pro vide a combinatorial or registered inverting or non inverting output. In a registered mode of operation, the output of the regis ter is fed back into the array, providing current status information to the array. This information is available for establishing the next result in applications such as control state machines. In a combina torial configuration, the combinatorial output or, if the output is disabled, the signal present on the I/O pin is made available to the array. The flexibility provided by both programmable product term control of the outputs and variable product terms allows a signifi cant gain in functional density through the use of programmable logic. Along with this increase in functional density, the Cypress PALC22V10D provides lower power operation through the use of CMOS technology, and increased testability with Flash repro grammability. Configuration Table Registered/Combinatorial C1 C0 Configuration 0 0 1 1 0 1 0 1 Registered/Active LOW Registered/Active HIGH Combinatorial/Active LOW Combinatorial/Active HIGH AR OUTPUT SELECT D Q MUX CP Q S1 S0 SP INPUT/ FEEDBACK MUX S1 C1 C0 MACROCELL V10D 4 2 PALC22V10D Maximum Ratings (Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature . . . . . . . . . . . . . . . . . . -65_C to +150_C Ambient Temperature with Power Applied . . . . . . . . . . . . . . . . . . . . . . . -55_C to +125_C Supply Voltage to Ground Potential (Pin 24 to Pin 12) . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V DC Voltage Applied to Outputs in High Z State . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . -0.5V to +7.0V Output Current into Outputs (LOW) . . . . . . . . . . . . . . 16 mA DC Programming Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 12.5V Latch Up Current . . . . . . . . . . . . . . . . . . . . . . . . . . . >200 mA Electrical Characteristics Parameter Static Discharge Voltage (per MIL-STD-883, Method 3015) . . . . . . . . . . . . . . >2001V Operating Range Ambient Range Temperature VCC Commercial Military[1] Industrial 0_C to +75_C -55_C to +125_C -40_C to +85_C 5V 5% 5V 10% 5V 10% Over the Operating Range[2] Test Conditions Min. Max. Unit Description VOH VOL VIH VIL[4] IIX IOZ ISC ICC1 Output HIGH Voltage VCC = Min., VIN = VIH or VIL VCC = Min., VIN = VIH or VIL IOH = -3.2 mA IOH = -2 mA IOL = 16 mA IOL = 12 mA Com'l Mil/Ind Com'l Mil/Ind 2.4 V Output LOW Voltage 0.5 V Input HIGH Level Input LOW Level Input Leakage Current Output Leakage Current Output Short Circuit Current Standby Power Supply Current Guaranteed Input Logical HIGH Voltage for All Inputs[3] Guaranteed Input Logical LOW Voltage for All Inputs[3] VSS < VIN < VCC, VCC = Max. VCC = Max., VSS < VOUT < VCC VCC = Max., VOUT = 0.5V[5, 6] Com'l VCC = Max., 10, 15, 25 ns VIN = GND GND, p p Outputs Open in 7.5 ns Unprogrammed 15, 25 ns Device 10 ns VCC = Max., VIL = 0V, 0V VIH = 3V, 3V p p, Output Open, De vice Programmed as a 10 Bit Counter, MHz f = 25 MH 10, 15, 25 ns 7.5 ns 15, 25 ns 10 ns Mil/Ind 2.0 -0.5 -10 -40 -30 0.8 10 40 -90 90 130 V V mA mA mA mA mA mA mA mA mA mA mA Mil/Ind 120 120 ICC2[6] Operating Power Supply Current Com'l 110 140 130 130 Capacitance Parameter [6] Description Test Conditions Min. Max. Unit CIN COUT Input Capacitance Output Capacitance [6] VIN = 2.0V @ f = 1 MHz VOUT = 2.0V @ f = 1 MHz 10 10 pF pF Endurance Characteristics Parameter Description Test Conditions Min. Max. Unit N 1. 2. 3. 4. Notes: Minimum Reprogramming Cycles Normal Programming Conditions 5. 6. 100 Cycles TA is the instant on" case temperature. See the last page of this specification for Group A subgroup testing in formation. These are absolute values with respect to device ground. All over shoots due to system or tester noise are included. VIL (Min.) is equal to -3.0V for pulse durations less than 20 ns. Not more than one output should be tested at a time. Duration of the short circuit should not be more than one second. VOUT = 0.5V has been cho sen to avoid test problems caused by tester ground degradation. Tested initially and after any design or process changes that may affect these parameters. 3 PALC22V10D AC Test Loads and Waveforms R1 238W (319W MIL) 5V OUTPUT R2 170W CL INCLUDING JIG AND SCOPE (236W MIL) INCLUDING JIG AND SCOPE 5 pF 5V OUTPUT R2 170W (236W MIL) CL OUTPUT R1 238W (319W MIL) 750W (1.2KW MIL) (a) (b) (c) ALL INPUT PULSES 3.0V 90% 10% GND < 2 ns < 2 ns 90% 10% (d) Equivalent to: THEVENIN EQUIVALENT (Commercial) 99W OUTPUT 2.08V = Vthc V10D 6 V10D 5 Equivalent to: THEVENIN EQUIVALENT (Military) 136W OUTPUT 2.13V = Vthm V10D 7 Load Speed CL Package Parameter VX Output Waveform Measurement Level 7.5, 10, 15, 25 ns 50 pF PDIP CDIP , , PLCC, LCC tER (-) tER (+) tEA (+) tEA (-) 1.5V VOH 0.5V 0.5V VX VX V10D 8 2.6V VOL V10D 9 0V VX VX 1.5V VOH V10D 10 Vthc 0.5V (e) Test Waveforms VOL V10D 11 4 PALC22V10D Commercial Switching Characteristics PALC22V10D Parameter tPD tEA tER tCO tS1 tS2 tH tP tWH tWL fMAX1 fMAX2 fMAX3 tCF tAW tAR tAP tSPR [2, 7] Description Input to Output Propagation Delay[8, 9] Input to Output Enable Delay[10] Input to Output Disable Delay[11] Clock to Output Delay[8, 9] Input or Feedback Set Up Time Synchronous Preset Set Up Time Input Hold Time External Clock Period (tCO + tS) Clock Width HIGH Clock Width LOW [6] 22V10D-7 Min. Max. 3 7.5 8 8 2 5 6 0 10 3 3 100 166 133 2.5 8 5 12 6 1 5 22V10D-10 Min. Max. 3 10 10 10 2 6 7 0 12 3 3 76.9 142 111 3 10 6 13 8 1 7 22V10D-15 Min. Max. 3 15 15 15 2 10 10 0 20 6 6 55.5 83.3 68.9 4.5 15 10 20 10 1 8 22V10D-25 Min. Max. 3 25 25 25 2 15 15 0 30 13 13 33.3 35.7 38.5 13 25 25 25 15 1 15 Unit ns ns ns ns ns ns ns ns ns ns MHz MHz MHz ns ns ns ns ns [6] External Maximum Frequency (1/(tCO + tS))[12] Data Path Maximum Frequency (1/(tWH + tWL))[6, 13] Internal Feedback Maximum Frequency (1/(tCF + tS))[6, 14] Register Clock to Feedback Input[6, 15] Asynchronous Reset Width Asynchronous Reset Recovery Time Asynchronous Reset to Registered Output Delay Synchronous Preset Recovery Time Power Up Reset Time [6, 16] Notes: 7. 8. 9. tPR ms Part (a) of AC Test Loads and Waveforms is used for all parameters ex cept tER and tEA(+). Part (b) of AC Test Loads and Waveforms is used for tER. Part (c) of AC Test Loads and Waveforms is used for tEA(+). Min. times are tested initially and after any design or process changes that may affect these parameters. This specification is guaranteed for all device outputs changing state in a given access cycle. 12. This specification indicates the guaranteed maximum frequency at which a state machine configuration with external feedback can operate. 13. This specification indicates the guaranteed maximum frequency at which the device can operate in data path mode. 14. This specification indicates the guaranteed maximum frequency at which a state machine configuration with internal only feedback can operate. 15. This parameter is calculated from the clock period at fMAX internal (1/fMAX3) as measured (see Note 11 above) minus tS. 16. The registers in the PALC22V10D have been designed with the capa bility to reset during system power up. Following power up, all regis ters will be reset to a logic LOW state. The output state will depend on the polarity of the output buffer. This feature is useful in establishing state machine initialization. To insure proper operation, the rise in VCC must be monotonic and the timing constraints depicted in Power Up Reset Waveform must be satisfied. 10. The test load of part (a) of AC Test Loads and Waveforms is used for measuring tEA(-). The test load of part (c) of AC Test Loads and Waveforms is used for measuring tEA(+) only. Please see part (e) of AC Test Loads and Waveforms for enable and disable test waveforms and measurement reference levels. 11. This parameter is measured as the time after output disable input that the previous output data state remains stable on the output. This delay is measured to the point at which a previous HIGH level has fallen to 0.5 volts below VOH min. or a previous LOW level has risen to 0.5 volts above VOL max. Please see part (e) of AC Test Loads and Waveforms for enable and disable test waveforms and measurement reference levels. 5 PALC22V10D Military and Industrial Switching Characteristics PALC22V10D Parameter tPD tEA tER tCO tS1 tS2 tH tP tWH tWL fMAX1 fMAX2 fMAX3 tCF tAW tAR tAP tSPR tPR [2, 7] Description Input to Output Propagation Delay[8, 9] Input to Output Enable Delay[10] Input to Output Disable Delay[11] Clock to Output Delay[8, 9] Input or Feedback Set Up Time Synchronous Preset Set Up Time Input Hold Time External Clock Period (tCO + tS) Clock Width HIGH Clock Width LOW [6] 22V10D-10 Min. Max. 3 10 10 10 2 6 7 0 12 3 3 76.9 142 111 3 10 6 12 8 1 7 22V10D-15 Min. Max. 3 15 15 15 2 10 10 0 20 6 6 50.0 83.3 68.9 4.5 15 12 20 20 1 8 22V10D-25 Min. Max. 3 25 25 25 2 18 18 0 33 14 14 30.3 35.7 32.2 13 25 25 25 25 1 15 Unit ns ns ns ns ns ns ns ns ns ns MHz MHz MHz ns ns ns ns ns [6] External Maximum Frequency (1/(tCO + tS))[12] Data Path Maximum Frequency (1/(tWH + tWL))[6, 13] Internal Feedback Maximum Frequency (1/(tCF + tS))[6, 14] Register Clock to Feedback Input[6, 15] Asynchronous Reset Width Asynchronous Reset Recovery Time Asynchronous Reset to Registered Output Delay Synchronous Preset Recovery Time Power Up Reset Time[6, 16] ms 6 PALC22V10D Switching Waveform INPUTS I/O, REGISTERED FEEDBACK SYNCHRONOUS PRESET tS tH t WH t WL CP t SPR t AW ASYNCHRONOUS RESET t CO t AP tP t AR tER [11] tEA [11] REGISTERED OUTPUTS t PD COMBINATORIAL OUTPUTS tER [11] tEA [11] V10D 12 Power Up Reset Waveform[16] POWER SUPPLY VOLTAGE t PR REGISTERED ACTIVE LOW OUTPUTS tS 10% 90% VCC CLOCK tPR MAX = 1 ms t WL V10D 13 7 PALC22V10D Functional Logic Diagram for PALC22V10D 1 AR OE 0 S S S 7 OE 0 0 4 8 12 16 20 24 28 32 36 40 Macro cell 23 S S S 2 9 OE 0 Macro cell 22 S S S Macro cell 21 3 11 OE 0 S S S Macro cell 20 4 13 OE 0 S S S 15 OE 0 Macro cell 19 5 S S S 15 OE 0 Macro cell 18 6 S S S Macro cell 17 7 13 OE 0 S S S Macro cell 16 8 11 OE 0 S S S Macro cell 15 9 9 OE 0 S S S 7 SP V10D 14 10 11 Macro cell 14 13 8 PALC22V10D Ordering Information ICC (mA) tPD (ns) tS (ns) tCO (ns) Ordering Code Package Name Package Type Operating Range 130 90 150 150 90 120 120 90 120 120 7.5 10 10 10 15 15 15 25 25 25 5 6 6 6 5 7 7 7 7.5 7.5 7.5 15 15 15 10 10 10 15 15 15 PALC22V10D-7JC PALC22V10D-7PC PALC22V10D-10JC PALC22V10D-10PC PALC22V10D-10JI PALC22V10D-10PI PALC22V10D-10DMB PALC22V10D-10KMB PALC22V10D-10LMB PALC22V10D-15JC PALC22V10D-15PC PALC22V10D-15JI PALC22V10D-15PI PALC22V10D-15DMB PALC22V10D-15KMB PALC22V10D-15LMB PALC22V10D-25JC PALC22V10D-25PC PALC22V10D-25JI PALC22V10D-25PI PALC22V10D-25DMB PALC22V10D-25KMB PALC22V10D-25LMB J64 P13 J64 P13 J64 P13 D14 K73 L64 J64 P13 J64 P13 D14 K73 L64 J64 P13 J64 P13 D14 K73 L64 28 Lead Plastic Leaded Chip Carrier 24 Lead (300 Mil) Molded DIP 28 Lead Plastic Leaded Chip Carrier 24 Lead (300 Mil) Molded DIP 28 Lead Plastic Leaded Chip Carrier 24 Lead (300 Mil) Molded DIP 24 Lead (300 Mil) CerDIP 24 Lead Rectangular Cerpack 28 Square Leadless Chip Carrier 28 Lead Plastic Leaded Chip Carrier 24 Lead (300 Mil) Molded DIP 28 Lead Plastic Leaded Chip Carrier 24 Lead (300 Mil) Molded DIP 24 Lead (300 Mil) CerDIP 24 Lead Rectangular Cerpack 28 Square Leadless Chip Carrier 28 Lead Plastic Leaded Chip Carrier 24 Lead (300 Mil) Molded DIP 28 Lead Plastic Leaded Chip Carrier 24 Lead (300 Mil) Molded DIP 24 Lead (300 Mil) CerDIP 24 Lead Rectangular Cerpack 28 Square Leadless Chip Carrier Commercial Commercial Industrial Military Commercial Industrial Military Commercial Industrial Military MILITARY SPECIFICATIONS Group A Subgroup Testing DC Characteristics VOH VOL VIH VIL IIX IOZ ICC Parameter 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 1, 2, 3 Subgroups Switching Characteristics Parameter Subgroups tPD 9, 10, 11 tCO 9, 10, 11 tS 9, 10, 11 tH 9, 10, 11 Document #: 38-00185-H 9 PALC22V10D Package Diagrams 24 Lead (300 Mil) CerDIP D14 MIL-STD-1835 D-9 Config. A 28 Lead Plastic Leaded Chip Carrier J64 24 Lead Rectangular Cerpack K73 MIL-STD-1835 F-6 Config. A 28 Square Leadless Chip Carrier L64 MIL-STD-1835 C-4 10 PALC22V10D Package Diagrams (continued) 24 Lead (300 Mil) Molded DIP P13/P13A E Cypress Semiconductor Corporation, 1995. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor Corporation product. Nor does it convey or imply any license under patent or other rights. Cypress Semicon ductor does not authorize its products for use as critical components in life support systems where a malfunction or failure of the product may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life support systems applications implies that the manufacturer assumes all risk of such use and in so doing indemnifies Cypress Semiconductor against all damages. 11 |
Price & Availability of PALC22V10D |